Part Number Hot Search : 
B1203 RFM8N18 MTE8081N ADR5045 MS322 AD679AJ LM39300 107004
Product Description
Full Text Search
 

To Download VFP-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFP-3, VFP-4
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/C, Tolerance to 0.01 % and power up to 10 Watts
FEATURES
* Temperature Coefficient of Resistance (TCR): Pb-free 2 ppm/C typical (- 55 C to + 125 C, Available + 25 C Ref.) (see Tables 1 and 2) RoHS* * Tolerance: to 0.01 % (see Tables 1 and 2) COMPLIANT * Power Rating (heat-sinked): 10 W * Load Life Stability: 0.005 % at 25 C, 2000 hours at Rated Power * Resistance Range: 0.05 to 80 k * Electrostatic Discharge (ESD) above 25 000 V * Non Inductive, Non Capacitive Design * Rise Time: 1 ns without Ringing * Current Noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage Coefficient: < 0.1 ppm/V * Non Inductive: < 0.08 H * Non Hot Spot Design * Terminal Finishes Available: Lead (Pb)-free Tin/Lead Alloy * Any Value available within Resistance Range (e.g. 1K2345) * Prototype Samples available from 48 hours. For more Information, please contact foil@vishay.com * For better Performances, please see VFP-3Z and VFP-4Z Datasheets
Any value available within resistance range The basic features of Vishay Bulk Metal(R) Foil resistors; tight resistance tolerance, fast response time, low TCR, and exceptional long-term stability, are available for power-circuit applications. Typical applications are non-inductive design, current sensing applications, deflection amplifiers, constant current power supplies, forced balance electronic scales, graphic display computers, character generation on CRTs, and electron beam controls. Our Application Engineering Department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
R I1 E1 V E2 I2 I
I
TABLE 1 - VFP-31) SPECIFICATIONS
RESISTANCE RANGE () 50 to 80K 25 to < 50 10 to < 25 5 to < 10 2 to < 5 1 to < 2 0.5 to < 1 0.25 to < 0.5 0.1 to < 0.25 Notes Tighter tolerance available upon request See page 3 in this data sheet for numbered footnotes. 1. Weight = 15 g Max 2. VFP-4 available up to 500 . 3. - 55 C to + 125 C, + 25 C Ref. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63014 Revision: 29-Aug-07 STANDARD TOLERANCE 0.01 % 0.02 % 0.05 % 0.1 % 0.25 % 0.5 % 1.0 % 2.0 % 5.0 % 50 ppm/C 2 ppm/C TYPICAL TCR3) MAXIMUM TCR3) 5 ppm/C 7 ppm/C 10 ppm/C 13 ppm/C 20 ppm/C 25 ppm/C
TABLE 2 - VFP-41), 2) SPECIFICATIONS
RESISTANCE RANGE () 10 to 500 5 to < 10 2 to < 5 1 to < 2 0.5 to < 1 0.25 to < 0.5 0.1 to < 0.25 0.05 to < 0.1 STANDARD TOLERANCE 0.01 % 0.02 % 0.05 % 0.1 % 2 ppm/C 0.25 % 0.5 % 1.0 % 2.0 % 15 ppm/C 20 ppm/C 25 ppm/C 30 ppm/C TYPICAL TCR3) MAXIMUM TCR3) 5 ppm/C 6 ppm/C 8 ppm/C 10 ppm/C
For any questions, contact: foil@vishay.com
www.vishay.com 1
VFP-3, VFP-4
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/C, Tolerance to 0.01 % and power up to 10 Watts
VFP-4
1.575 0.016 (40.01 0.41) 0.197 (5.00) 0.118 (3.00) 1.181 0.016 (30 0.41) 0.276 - 0.008 (7.01 - 0.2 ) 0.197 (5.00) 0.118 (3.00)
+ 0.004 + 0.1
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS in inches (millimeters)
VFP-3
1.575 0.016 (40.01 0.41) 1.181 0.016 (30 0.41)
0.276 - 0.008 (7.01 - 0.2 )
+ 0.004
+ 0.1
VISHAY VFP-3 (Value) (Tol.) (Date Code)
0.150 0.004 (3.81 0.1) 0.394 0.008 (10.01 0.2) 0.787 0.016 (19.99 0.41)
VISHAY VFP-4 (Value) (Tol.) (Date Code)
0.150 0.004 (3.81 0.1) 0.394 0.008 (10.01 0.2) Lead Dia. 0.025 (0.64) Solder Coated Copper 0.787 0.016 (19.99 0.41)
Lead Dia. 0.025 (0.633) Solder Coated Copper
1.00 Min. (25.4 Min.) I1 E1 E2 I2
1.00 Min. (25.4 Min.)
0.600 (15.24)
0.200 [x3] (5.08)
TABLE 3 - SPECIFICATIONS
Stability Load Life at 2000 hours Power Rating At + 25 C 10 W or 3 A1) on heat sink2) 3 W or 3 A1) in free air Power rating based on R. Further derating not necessary. Current Noise High Frequency Operation Rise Time Inductance (L)3) Capacitance (C) Voltage Coefficient Operating Temp. Range Maximum Working Voltage5) Thermal EMF6) 1.0 ns at 1 k 0.1 H maximum; 0.08 H typical 1.0 pF maximum; 0.5 pF typical < 0.1 ppm/V4) - 55 C to + 150 C 350 V 0.5 V/C typical (lead effect) < 0.010 V (RMS)/V of applied voltage (- 40 dB) 0.05 % maximum R under full rated power (3 W at + 25 C)
FIGURE 2 - POWER DERATING CURVE
FIGURE 3 - TRIMMING TO VALUES (Conceptual Illustration)
Percent of Rated Power
+ 100 + 75 + 50 + 25
- 55 C
Rated Power
Interloop Capacitance Reduction in Series Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Mutual Inductance Reduction due to Change in Current Direction
0 - 75 - 50 - 25
0 + 25 + 50 + 75 + 100 + 125 + 150 + 175
Ambient Temperature (C)
Note: Foil shown in black, etched spaces in white
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63014 Revision: 29-Aug-07
VFP-3, VFP-4
Bulk Metal(R) Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/C, Tolerance to 0.01 % and power up to 10 Watts
Vishay Foil Resistors
TABLE 4 - POWER RESISTOR ENVIRONMENTAL PERFORMANCE COMPARISON
METHOD PARAGRAPH7) TEST GROUP I Conditioning TEST GROUP II Resistance Temperature Characteristic (- 55 C to + 125 C) 4.8.4 < 1 : 100 ppm/C; 1 to 19.6 : 50 ppm/C; 20 : 30 ppm/C Low Temp Storage DWV (750 V at atmosphere pressure) Insulation Resistance Low Temp Operation Short time Overload9) 4.8.5 4.8.6 4.8.7 4.8.8 4.8.9 4.8.10 0.2 % + 0.01 104 M 0.005 % > 104 M 0.01 % 0.01 % 0.05 % 0.005 % 4.8.16 0.3 % + 0.01 0.01 % See tables 1 and 2 4.8.2 0.2 % + 0.01 0.03 % MIL-PRF-39009 R LIMITS VFP-3, VFP-4 MAXIMUM TEST DATA10)
0.3 % + 0.01 0.3 % + 0.01 0.5 % + 0.01 0.2 % + 0.01
Moisture Resistance Terminal Strength TEST GROUP III Shock - Specified Pulse Vibration - High Frequency TEST GROUP IV Life Test 10 W at + 25 C for 2000 hours 60 % power at + 70 C for 2000 hours TEST GROUP V High Temp Exposure (2000 hours at + 150 C) Notes 1. Whichever is lower. 2. Heat sink chassis MIL-PRF-39009: dimensions and requirements
4.8.11 4.8.12
0.2 % + 0.01 0.2 % + 0.01
0.01 % 0.005 %
4.8.13
1.0 % + 0.01
0.05 %
-
-
0.05 %
4.8.14
1.0 % + 0.01
0.03 %
5. Not to exceed power rating of resistor. per 6. V/C relates to EMF due to lead temperature difference and V/watt due to power applied to the resistor. 7. Vishay test data as compared to MIL-PRF-39009 is shown for illustration purposes, Vishay test conditions that deviate from the MIL test method are noted within parentheses. 8. Maximum ambient temperature rating is + 150 C. 9. Maximum overload rating is 15 W (5 x rated power in free air; 1.5 x rated power on heat sink), with applied voltage not to exceed 750 V. 10. R's are as shown plus 0.001 to allow for measurement errors at low resistance values.
L W H T
INCHES 6.00 4.00 2.00 0.04
MILLIMETERS 152.4 101.6 50.8 1.0
3. Inductance (L) due mainly to the leads. 4. The resolution limit of existing test equipment (within the measurement capability of the equipment, or "essentially zero").
Document Number: 63014 Revision: 29-Aug-07
For any questions, contact: foil@vishay.com
www.vishay.com 3
VFP-3, VFP-4
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/C, Tolerance to 0.01 % and power up to 10 Watts
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y073321K5000T9L (preferred part number format) DENOTES PRECISION Y VALUE R= K = k AER* 0 = Standard 9 = Lead (Pb)-free 1 - 999 = Custom
Y
0
7
3
3
2
1
K
5
0
0
0
T
9
L
PRODUCT CODE 0733 = VFP-3 0734 = VFP-4
RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 %
PACKAGING L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0733 21K5000 T 9 L: TYPE: VFP-3 VALUE: 21.5 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: Lead (Pb)-free PACKAGING: Bulk Pack HISTORICAL PART NUMBER: VFP-3T 21K500 T B (will continue to be used) VFP-3 MODEL VFP-3 VFP-4 T TERMINATION T = Lead (Pb)-free None = Tin/Lead alloy 21K500 OHMIC VALUE 21.5 k T RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 % B PACKAGING B = Bulk Pack
Note * For non-standard requests, please contact Application Engineering.
www.vishay.com 4
For any questions, contact: foil@vishay.com
Document Number: 63014 Revision: 29-Aug-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VFP-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X